PART |
Description |
Maker |
SP4446EK-L SP4446EK-L/TR |
High Output Voltage Boost Regulator LCD Bias Regulator 0.5 A SWITCHING REGULATOR, PDSO5 GREEN, MO-178AA, SOT-23, 5 PIN
|
Exar Corporation Exar, Corp.
|
SP6205ER-L-2-5 SP6205EM5-L-2-5 SP6203EM5-L-2-5 SP6 |
2.5 V FIXED POSITIVE LDO REGULATOR, PDSO8 2 X 3 MM, LEAD FREE, MO-229VCED-2, DFN-8 2.5 V FIXED POSITIVE LDO REGULATOR, PDSO5 LEAD FREE, MO-178AA, SOT-23, 5 PIN 2.7 V FIXED POSITIVE LDO REGULATOR, PDSO5 MO-178AA, SOT-23, 5 PIN 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 MO-178AA, SOT-23, 5 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5 LEAD FREE, MO-178AA, SOT-23, 5 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 LEAD FREE, MO-178AA, SOT-23, 5 PIN 2.85 V FIXED POSITIVE LDO REGULATOR, PDSO5 LEAD FREE, MO-178AA, SOT-23, 5 PIN 2.8 V FIXED POSITIVE LDO REGULATOR, PDSO5 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO5
|
Exar, Corp. OTTO Engineering, Inc. EXAR CORP
|
SP6203EM5-L-1-8/TR |
1.8 V FIXED POSITIVE LDO REGULATOR, PDSO5 LEAD FREE, MO-178AA, SOT-23, 5 PIN
|
Exar, Corp.
|
SPX5205M5-L-1-2/TR SPX5205M5-L-1-8/TR SPX5205M5-L- |
150mA, LOW-NOISE LDO VOLTAGE REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 LEAD FREE, MO-178AA, SOT-23, 5 PIN
|
Exar Corporation Exar, Corp.
|
SPX3819M5-L-1-2 SPX3819S-L-3-0 SPX3819 SPX3819S-L |
1.2 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, DSO8 3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO5 ROHS COMPLIANT, MO-178AA, SOT-23, 5 PIN 500mA, LOW-NOISE LDO VOLTAGE REGULATOR
|
Exar, Corp. Exar Corporation
|
LT1784CS5TRMPBF LT1784IS5TRMPBF LT1784CS5TRPBF |
2.5MHz, Over-The-Top Low Power, Rail-to-Rail Input and Output Op Amp in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 4500 uV OFFSET-MAX, 2.6 MHz BAND WIDTH, PDSO5 2.5MHz, Over-The-Top Low Power, Rail-to-Rail Input and Output Op Amp in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C OP-AMP, 4800 uV OFFSET-MAX, 2.6 MHz BAND WIDTH, PDSO5
|
Linear Technology, Corp.
|
LTC2920-2IMS8 LTC2920-2CMS8 LTC2920-1IS5 LTC2920-1 |
Single/Dual Power Supply Margining Controller; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C SPECIALTY ANALOG CIRCUIT, PDSO5
|
Linear Technology, Corp.
|
AP2280-1FMG-7 AP228009 AP2280-2WG-7 AP2280-1WG-7 A |
Single Channel Slew Rate Controlled Load Switch SPECIALTY TELECOM CIRCUIT, PDSO5 GREEN, SOT-25, 5 PIN
|
Diodes Incorporated Diodes, Inc.
|
LTC4054-4.2 LTC4054XES5-4.2 LTC4054ES5-4.2 LTC4054 |
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LT1964EDDPBF LT1964IDDPBF LT1964ES5-SDPBF LT1964IS |
200mA, Low Noise, Low Dropout Negative Micropower Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO8 200mA, Low Noise, Low Dropout Negative Micropower Regulator 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 200mA, Low Noise, Low Dropout Negative Micropower Regulator 5 V FIXED NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 200mA, Low Noise, Low Dropout Negative Micropower Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 5 V FIXED NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 LEAD FREE, PLASTIC, MO-193, TSOT-23, 5 PIN 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 PLASTIC, MO-193, TSOT-23, 5 PIN 200mA, Low Noise,Low Dropout Negative Micropower Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
|